Part Number Hot Search : 
LNA4401L OSWMO5 5TRPB 12NO7 1N4745A UPD63310 P1015 ASI10474
Product Description
Full Text Search
 

To Download QP-320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 320W Quad Output with PFC Function
Features :
QP-320
series
Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage / Over temperature CH1 & CH2 can be adjusted from -5% ~ +10% With power good and fail signal output Built-in remote sense function for CH1 & CH2 LED indicator for power on 100% full load burn-in test 20A peak load capability for 24V channel 3 years warranty
..
SPECIFICATION
MODEL
OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE PEAK CURRENT OUTPUT RATED POWER VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE QP-320D CH1 5V 20A 2.5 ~ 20A 20A 316W 150mVp-p 150mVp-p +10,-6% 2.0% 6.0% 150mVp-p 10% 3.0% 8.0% 100mVp-p 3.0% 1.0% 2.0% 150mVp-p 3.0% 2.0% 3.0% 150mVp-p +10,-6% 2.0% 6.0% 150mVp-p 10% 3.0% 8.0% CH2 12V 10A 0 ~ 10A 10A CH3 24V 3A 0.2 ~ 5A CH4 -12V 2A 0.2 ~ 2A QP-320F CH1 5V 20A 2.5 ~ 20A 20A CH2 15V 8A 0 ~ 10A 10A CH3 24V 3A 0.2 ~ 5A CH4 -15V 1.6A 0.2 ~ 1.6A
20A, 1ms(Note5) 2A
20A, 1ms(Note5) 1.6A
RIPPLE & NOISE (max.) Note.2 100mVp-p
CH1,2:+10,-5% 3.0% VOLTAGE TOLERANCE Note.3 3.0% 1.0% 2.0% 16ms at full load 90 ~ 264VAC 47 ~ 63Hz PF>0.95/230VAC 83% 4A/115VAC 25A/115VAC <2mA / 240VAC 2A/230VAC 45A/230VAC 2.0% 3.0%
800ms, 50ms at full load 127 ~ 370VDC PF>0.98/115VAC at full load
105 ~ 150% rated output power Protection type : Fold back current limiting, recovers automatically after fault condition is removed CH1:5.75 ~ 6.75V CH2:13.8 ~ 16.2V CH1:5.75 ~ 6.75V CH2:17.25 ~ 20.25V Protection type : Shut down o/p voltage, re-power on to recover
FUNCTION
95 5 (TSW1 )detect on heatsink of power transistor Protection type : Shut down o/p voltage, recovers automatically after temperature goes down 10ms/1ms POWER GOOD / POWER FAIL -10 ~ +70 (Refer to output load derating curve) WORKING TEMP. 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved
WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE
I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC SAFETY & ISOLATION RESISTANCE I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B (Note 4) HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY MTBF OTHERS
NOTE
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 213.5K hrs min. MIL-HDBK-217F (25 215*115*50mm (L*W*H) 1.2Kg; 12pcs/15.4Kg/0.92CUFT )
DIMENSION PACKING
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. Every output channel can provide up to the maximum current, but total load can't exceed the rated output power. 5. CH3(24V) peak current 20A, 1ms, repeatable in every 100ms. CH3(24V) output must be above 16V in the period of peak current.
File Name:QP-320-SPEC 2007-10-25
320W Quad Output with PFC Function
Mechanical Specification
117.5 32.5 27.5 19 LED CN2
V2 V1 ADJ.
QP-320
Case No. 912I
series
Unit:mm
150 177.5
1 9 8 7 6 5 4 3 2 1
135 9.5
36.7
6
95 50
4-M4 L=5mm 6-M3 L=3mm
36.5
16
10
32.5 37.5 50.5
8
115
Terminal Pin No. Assignment
Pin No. Assignment Pin No. 1 AC/L 5 2 AC/N 6 3 FG 7,8 4 DC OUTPUT V4 9 Assignment DC OUTPUT V3 DC OUTPUT V1 DC OUTPUT COM DC OUTPUT V2
15
13 max.
32.5
215 150
25 50
Air flow direction
C L
DC Output Connector (CN2) : JST S6B-XH-A-1 or equivalent
6-M4 L=5mm
Terminal Pin No. Assignment Pin No. Assignment Mating Housing 1 V1(+S) 4 V2(-S) JST SXH-001T-P0.6 JST XHP 2 V1(-S) 5 PF/PG or equivalent or equivalent 3 V2(+S) 6 GND
fosc : 100KHz
Block Diagram
I/P EMI FILTER RECTIFIERS & PFC POWER SWITCHING PWM CONTROL O.L.P. O.T.P.
RECTIFIERS & FILTER RECTIFIERS & FILTER MA & CONTROL PF/PG RECTIFIERS & FILTER O.V.P. DETECTED CIRCUIT
V4
V3 RECTIFIERS & FILTER V2 PF/PG V1 COM
Derating Curve
Output Derating VS Input Voltage
100
100 90
80
80 70
60
LOAD (%)
40
LOAD(%)
0 0 10 20 30 40 50 60 70 (HORIZONTAL)
60 50 40
20
-10 -10
90
105
115
135
155
230 264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (VAC) 60Hz
File Name:QP-320-SPEC 2007-10-25


▲Up To Search▲   

 
Price & Availability of QP-320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X